Part Number Hot Search : 
FMLG22 0P1F0 PZM20N CA3080AE HC125 02M186RP AD8602AR IDM37SH5
Product Description
Full Text Search
 

To Download 9250-186-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19.3 tel. (877) 426-8767 ? fax (951) 781-5006 www.bourns.com shielded, molded chokes special features ? ferrite magnetic shielded for low radiation ? high q, high reliability ? injection molded to protect coil from extreme environments ? flame retardant coating ? consistent body dimension ? color band or numerical marking identi? cation ? dielectric strength 1000 vrms ? operating temperature -55 to +105 c notes * rated current to cause 35 c max. temperature rise ** incremental current to cause 5 % max. inductance drop bourns recommends using the 9250a series as a replacement for the 9250 series 9250 series part number l (h) 10 % q min. test freq. (mhz) srf (mhz) min. dcr ? max. i, dc* (ma) i, incr.** (ma) 9250-101-rc 0.10 50 25 250 0.025 1790 1790 9250-121-rc 0.12 51 25 250 0.034 1530 1530 9250-151-rc 0.15 51 25 250 0.037 1470 1470 9250-181-rc 0.18 50 25 250 0.047 1300 1300 9250-221-rc 0.22 49 25 250 0.067 1100 1100 9250-271-rc 0.27 47 25 250 0.11 855 855 9250-331-rc 0.33 46 25 250 0.13 780 780 9250-391-rc 0.39 44 25 250 0.18 670 670 9250-471-rc 0.47 44 25 235 0.25 565 565 9250-561-rc 0.56 43 25 210 0.33 490 490 9250-681-rc 0.68 42 25 190 0.45 420 420 9250-821-rc 0.82 40 25 180 0.59 370 370 9250-102-rc 1.0 44 25 140 0.07 1070 1070 9250-122-rc 1.2 44 7.9 130 0.10 895 895 9250-152-rc 1.5 44 7.9 115 0.12 815 815 9250-182-rc 1.8 44 7.9 105 0.14 775 775 9250-222-rc 2.2 44 7.9 100 0.19 650 650 9250-272-rc 2.7 44 7.9 92 0.28 535 535 9250-332-rc 3.3 44 7.9 85 0.35 480 480 9250-392-rc 3.9 44 7.9 75 0.40 450 450 9250-472-rc 4.7 44 7.9 70 0.55 380 380 9250-562-rc 5.6 44 7.9 65 0.72 335 335 9250-682-rc 6.8 50 7.9 55 1.02 280 280 9250-822-rc 8.2 50 7.9 50 1.32 250 250 9250-103-rc 10 50 7.9 46 1.62 220 220 9250-123-rc 12 55 2.5 44 2.0 200 200 9250-153-rc 15 45 2.5 49 0.80 315 250 9250-183-rc 18 45 2.5 45 0.89 300 235 9250-223-rc 22 45 2.5 41 0.96 290 220 9250-273-rc 27 45 2.5 38 1.19 260 200 9250-333-rc 33 45 2.5 34 1.37 240 190 9250-393-rc 39 50 2.5 29 1.93 205 180 9250-473-rc 47 50 2.5 27 2.11 195 175 9250-563-rc 56 50 2.5 25 2.23 190 160 9250-683-rc 68 50 2.5 21 2.70 170 150 9250-823-rc 82 50 2.5 10.5 2.44 180 140 9250-104-rc 100 50 2.5 10.0 3.12 160 120 9250-124-rc 120 55 0.79 9.7 3.6 150 95 9250-154-rc 150 55 0.79 8.5 4.1 140 90 9250-184-rc 180 55 0.79 8.0 4.4 135 85 9250-224-rc 220 55 0.79 7.5 5.0 125 80 9250-274-rc 270 55 0.79 7.0 5.8 115 70 9250-334-rc 330 55 0.79 6.5 6.4 110 65 9250-394-rc 390 60 0.79 6.2 7.4 105 60 9250-474-rc 470 60 0.79 5.7 9.5 92 58 9250-564-rc 560 60 0.79 4.7 10.5 90 55 9250-684-rc 680 60 0.79 4.5 11.8 80 50 9250-824-rc 820 60 0.79 4.2 13.0 80 45 continued on next page. only available as rohs compliant. 1.0 0.41 -/+0.02 0.162 -/+0.01 0.025 min. dimensions: inches model 9250 is currently available, although not recommended for new designs. model 9250a is preferred. rev. 02/07
tel. (877) 426-8767 ? fax (951) 781-5006 www.bourns.com 19.4 special features ? ferrite magnetic shielded for low radiation ? high q, high reliability ? injection molded to protect coil from extreme environments ? flame retardant coating ? consistent body dimension ? color band or numerical marking identi? cation ? dielectric strength 1000 vrms ? operating temperature -55 to +105 c notes * rated current to cause 35 c max. temperature rise ** incremental current to cause 5 % max. inductance drop bourns recommends using the 9250a series as a replacement for the 9250 series 9250 series continued part number l (h) 10 % q min. test freq. (mhz) srf (mhz) min. dcr ? max. i, dc* (ma) i, incr.** (ma) 9250-105-rc 1000 60 0.79 3.8 17.5 70 40 9250-125-rc 1200 45 0.25 1.5 22.1 60 35 9250-155-rc 1500 45 0.25 1.2 26.5 55 33 9250-185-rc 1800 45 0.25 1.0 29.9 50 30 9250-225-rc 2200 45 0.25 0.97 33.8 50 27 9250-275-rc 2700 45 0.25 0.92 47.3 40 25 9250-335-rc 3300 45 0.25 0.84 53.0 40 22 9250-395-rc 3900 45 0.25 0.80 73.8 35 20 9250-475-rc 4700 45 0.25 0.74 81.6 31 19 9250-565-rc 5600 44 0.25 0.73 98.9 28 17 9250-685-rc 6800 40 0.25 0.66 111 27 16 9250-825-rc 8200 40 0.25 0.54 119 26 15 9250-106-rc 10,000 40 0.25 0.47 137 24 14 9250-126-rc 12,000 30 0.079 0.33 143 23 13 9250-156-rc 15,000 30 0.079 0.29 157 22 12 9250-186-RC 18,000 30 0.079 0.28 175 21 10 9250-226-rc 22,000 27 0.079 0.25 274 17 9 9250-276-rc 27,000 27 0.079 0.21 308 16 8 9250-336-rc 33,000 27 0.079 0.19 343 15 7.5 9250-396-rc 39,000 27 0.079 0.17 376 15 6 9250-476-rc 47,000 23 0.079 0.16 473 13 5.5 9250-566-rc 56,000 23 0.079 0.14 512 13 5 9250-686-rc 68,000 23 0.079 0.13 580 12 4 9250-826-rc 82,000 21 0.079 0.12 618 11 3.5 9250-107-rc 100,000 18 0.079 0.11 678 11 3 shielded, molded chokes only available as rohs compliant. 1.0 0.41 -/+0.02 0.162 -/+0.01 0.025 min. dimensions: inches


▲Up To Search▲   

 
Price & Availability of 9250-186-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X